Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCM3714VD2J13DOC09 Datasheet(PDF) 13 Page - Vicor Corporation

Part # DCM3714VD2J13DOC09
Description  Regulated DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714VD2J13DOC09 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button DCM3714VD2J13DOC09 Datasheet HTML 9Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 10Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 11Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 12Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 13Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 14Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 15Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 16Page - Vicor Corporation DCM3714VD2J13DOC09 Datasheet HTML 17Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Figure 16 —
Nominal powertrain switching frequency vs. load,
at nominal VIN
Typical Performance Characteristics (cont.)
The following figures present typical performance at TC = 25ºC, unless otherwise noted. See associated figures for general trend data.
Figure 17 —
Output voltage ripple, VIN = 300 V,
VOUT = 12.0 V, COUT_EXT = 1000 µF, RLOAD = 2.778
Ω
Figure 15 —Startup from EN,
VIN = 300 V, COUT_EXT = 10000 µF,
RLOAD = 2.778
Ω
DCM3714xD2J13D0yzz
DCM™ in a VIA Package
Rev 1.4
vicorpower.com
Page 13 of 23
03/2016
800 927.9474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com