Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTP224N-ASD Datasheet(PDF) 5 Page - Tontek Design Technology

Part # TTP224N-ASD
Description  4 KEY TOUCH PAD DETECTOR IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP224N-ASD Datasheet(HTML) 5 Page - Tontek Design Technology

  TTP224N-ASD Datasheet HTML 1Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 2Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 3Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 4Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 5Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 6Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 7Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 8Page - Tontek Design Technology TTP224N-ASD Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
TTP224N-ASD
TonTouch
TM
2014/06/05
Page 5 of 12
Ver:3.1
FUNCTION DESCRIPTION
1. Sensitivity adjustment
The total loading of electrode size and capacitance of connecting line on PCB can affect the
sensitivity. So the sensitivity adjustment must according to the practical application on PCB. The
TTP224N-ASD offers some methods for adjusting the sensitivity outside.
1-1 by the electrode size
Under other conditions are fixed. Using a larger electrode size can increase sensitivity.
Otherwise it can decrease sensitivity. But the electrode size must use in the effective scope.
1-2 by the panel thickness
Under other conditions are fixed. Using a thinner panel can increase sensitivity. Otherwise it
can decrease sensitivity. But the panel thickness must be below the maximum value.
1-3 by the value of Cs0~Cs3 (please see the down figure)
Under other conditions are fixed. Add the capacitors Cs0~Cs3 can fine tune the sensitivity for
single key, that lets all key’s sensitivity identical. When do not use any capacitor to VSS, the
sensitivity is most sensitive. When adding the values of Cs0~Cs3 will reduce sensitivity in the
useful range (0≦Cs0~Cs3≦50pF).
LPMB
TOG
AHLB
SM
OD
REGEN
MOT1
MOT0
VREG
Cs3
Cs2
Cs1
Cs0
ELECTRODE
K3
K0
K1
K2
TP3
TP2
TP1
VDD
VDD
TP0
VSS
TPQ0
TPQ0D
TPQ3
TPQ2
TPQ1
2. Output mode(By TOG, OD, AHLB pad option)
The TTP224N-ASD outputs(TPQ0~TPQ3) has direct mode active high or low by AHLB pad
option, has toggle mode by TOG pad option and has open drain(have diode protective circuit) mode
by OD pad option. Another TPQ0D is open drain active low output pin has no diode protective
circuit.
TOG
OD AHLB
Pad TPQ0~TP3 option features
Remark
0
1
0
Direct mode, CMOS active high output
Default
0
1
1
Direct mode, CMOS active low output
0
0
0
Direct mode, Open drain active high output
0
0
1
Direct mode, Open drain active low output
1
1
0
Toggle mode, COMS output, Power on state=0
1
1
1
Toggle mode, COMS output, Power on state=1
1
0
0
Toggle mode, Power on state high-Z, Active high
1
0
1
Toggle mode, Power on state high-Z, Active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com