Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC455LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC455LP3
Description  InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC455LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC455LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC455LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MICROWAVE CORPORATION
8 - 265
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
-25
-20
-15
-10
-5
0
5
10
15
1
1.5
2
2.5
3
S21
S11
S22
FREQUENCY (GHz)
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
HMC455LP3
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
InGaP HBT ½ Watt High IP3
AMPLIFIER, 1.7 - 2.5 GHz
v01.0604
Broadband Gain & Return Loss
Gain vs. Temperature
20
21
22
23
24
25
26
27
28
29
30
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
20
21
22
23
24
25
26
27
28
29
30
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
P1dB vs. Temperature
Psat vs. Temperature
Data shown is tuned for 1.85 - 2.2 GHz, contact HMC
Applications for recommended 1.7 - 1.85 GHz & 2.2 - 2.5 GHz tuning circuits.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com