Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC15005W Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # KBPC15005W
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

KBPC15005W Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  KBPC15005W Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd KBPC15005W Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC15005W THRU KBPC1510W
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 15.0 Amperes
Case: Metal case
Terminals: Lead 0.040” (1.02mm) diameter.
Polarity: Polarity symbols marked on case
Mounting:Thru hole for #8 screw,20in.-lbs. torque max.
Weight:0.93 ounce, 26.4 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave 60Hz,resistive or inductive load,for current capacitive load, derate by 20%.
NOTES:
1.Unit mounted on 5” x 4” x3” thick(12.8cmx10.2cmx7.3cm)Al.plate.
2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for
maximum heat transfer efficiency with #8 screw.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,at 5 lbs. (2.3kg) tension
300.0
373
10
1.0
2500
2.0
-65 to +150
-65 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
15
KBPC
15005W
KBPC
1501W
KBPC
1502W
KBPC
1506W
KBPC
1508W
KBPC
1510W
KBPC
1504W
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output rectified
current at TC=55 C (Note 1,2)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage dorp
per bridge element at 7.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Isolation voltage from case to leads
Typical Thermal Resistance (Note 2)
Operating junction temperature range
storage temperature range
A
µ
C
I t
VISO
R
θJA
TJ
TSTG
C/W
mA
IR
C
VAC
A s
2
2
VF
1.1
KBPC-25W
Dimensions in inches and (millimeters)
0.452
(11.5)
0.042(1.10) DIA.
0.038(0.97)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
HOLE FOR
NO.8 SCREW
0.033x.250
(0.8x6.4)
1.181(30.0)
1.102(28.0)
0.468(11.9)
0.429(10.9)
0.732(18.6)
0.692(17.6)
AC
AC
-
+
MAX.
0.591
(15.0)
MAX.
0.732(18.6)
0.692(17.6)
MDD Catalog Number


Similar Part No. - KBPC15005W

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC15005W DCCOM-KBPC15005W Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC15005W DAESAN-KBPC15005W Datasheet
231Kb / 2P
CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC15005W BILIN-KBPC15005W Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC15005W CHENG-YI-KBPC15005W Datasheet
126Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
KBPC15005W RFE-KBPC15005W Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - KBPC15005W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com