Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08231 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08231 Datasheet HTML 1Page - National Semiconductor (TI) ADC08231 Datasheet HTML 2Page - National Semiconductor (TI) ADC08231 Datasheet HTML 3Page - National Semiconductor (TI) ADC08231 Datasheet HTML 4Page - National Semiconductor (TI) ADC08231 Datasheet HTML 5Page - National Semiconductor (TI) ADC08231 Datasheet HTML 6Page - National Semiconductor (TI) ADC08231 Datasheet HTML 7Page - National Semiconductor (TI) ADC08231 Datasheet HTML 8Page - National Semiconductor (TI) ADC08231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLH11015
December 1994
ADC08231ADC08234ADC08238 8-Bit 2 ms Serial IO
AD Converters with MUX Reference and TrackHold
General Description
The ADC08231ADC08234ADC08238 are 8-bit succes-
sive approximation AD converters with serial IO and con-
figurable input multiplexers with up to 8 channels The serial
IO is configured to comply with the NSC MICROWIRETM
serial data exchange standard for easy interface to the
COPSTM family of controllers and can easily interface with
standard shift registers or microprocessors
Designed for high-speedlow-power applications the devic-
es are capable of a fast 2 ms conversion when used with a
4 MHz clock
All three devices provide a 25V band-gap derived reference
with guaranteed performance over temperature
A trackhold function allows the analog voltage at the posi-
tive input to vary during the actual AD conversion
The analog inputs can be configured to operate in various
combinations of single-ended differential or pseudo-differ-
ential modes In addition input voltage spans as small as 1V
can be accommodated
Applications
Y
High-speed data acquisition
Y
Digitizing automotive sensors
Y
Process controlmonitoring
Y
Remote sensing in noisy environments
Y
Disk drives
Y
Portable instrumentation
Y
Test systems
Features
Y
Serial digital data link requires few IO pins
Y
Analog input trackhold function
Y
4- or 8-channel input multiplexer options with address
logic
Y
On-chip 25V band-gap reference (g2% over tempera-
ture guaranteed)
Y
No zero or full scale adjustment required
Y
TTLCMOS inputoutput compatible
Y
0V to 5V analog input range with single 5V power
supply
Y
Pin compatible with Industry-Standards ADC083148
Key Specifications
Y
Resolution
8 Bits
Y
Conversion time (fC e 4 MHz)
2 ms (Max)
Y
Power dissipation
20 mW (Max)
Y
Single supply
5 VDC (g5%)
Y
Total unadjusted error
g
LSB and g1 LSB
Y
Linearity Error (VREF e 25V)
g
LSB
Y
No missing codes (over temperature)
Y
On-board Reference
a
25V g15% (Max)
ADC08238 Simplified Block Diagram
TLH11015 – 4
TRI-STATE
is a registered trademark of National Semiconductor Corporation
COPSTM microcontrollers and MICROWIRETM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - ADC08231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08231 TI1-ADC08231 Datasheet
646Kb / 26P
8-Bit 2 Mus Serial I/O A/D Converters
More results

Similar Description - ADC08231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com