Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC490LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC490LP5
Description  GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC490LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC490LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 318
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC490LP5
GaAs PHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 16 GHz
v00.0404
General Description
Features
Functional Diagram
The HMC490LP5 is a high dynamic range
GaAs
PHEMT
MMIC
Low
Noise
Amplifier
which operates between 12 and 16 GHz. The
HMC490LP5 provides 23 dB of gain, 2.5 dB
noise figure and an output IP3 of +34 dBm from
a +5.0 V supply voltage. This versatile amplifier
combines excellent, stable +25 dBm P1dB
output power with very low noise figure making
it ideal for receive and transmit applications.The
amplifier is packaged in a leadless 5 mm x 5 mm
QFN surface mount package.
Noise Figure: 2.5 dB
+25 dBm P1dB Output Power
Gain: 23 dB
+34 dBm Output IP3
+5V Supply
50 Ohm Matched Input/Output
25 mm2 Leadless QFN SMT Package
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 200 mA*
Typical Applications
The HMC490LP5 is ideal for use as either a LNA
or driver amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Military EW, ECM & C3I
Parameter
Min.
Typ.
Max.
Units
Frequency Range
12 - 16
GHz
Gain
20
23
dB
Gain Variation Over Temperature
0.03
0.04
dB/ °C
Noise Figure
2.5
3.5
dB
Input Return Loss
8dB
Output Return Loss
8dB
Output Power for 1 dB Compression (P1dB)
22
25
dBm
Saturated Output Power (Psat)
27
dBm
Output Third Order Intercept (IP3)
34
dBm
Supply Current (Idd)(Vdd = 5V, Vgg = -0.8V Typ.)
200
mA
* Adjust Vgg between -2.0 to 0V to achieve Idd = 200 mA typical.


Similar Part No. - HMC490LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490LP5 HITTITE-HMC490LP5 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC490LP5 HITTITE-HMC490LP5 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC490LP5 AD-HMC490LP5 Datasheet
415Kb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC490LP5 AD-HMC490LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC490LP5 AD-HMC490LP5 Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
v02.1222
More results

Similar Description - HMC490LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490 HITTITE-HMC490 Datasheet
217Kb / 8P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490 HITTITE-HMC490_09 Datasheet
265Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490LP5 HITTITE-HMC490LP5_10 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC718LP4 HITTITE-HMC718LP4 Datasheet
1,001Kb / 10P
GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
HMC719LP4 HITTITE-HMC719LP4 Datasheet
1,022Kb / 10P
GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 1.3 - 2.9 GHz
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC490LP5 AD-HMC490LP5 Datasheet
415Kb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com