Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48C51LIEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48C51LIEX
Description  Ethernet / SATA LVCMOS Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48C51LIEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48C51LIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48C51LIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48C51LIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48C51LIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48C51LIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48C51LIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48C51LIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.pericom.com
PI6LC48C51
Rev. A
08/27/15
PI6LC48C51
Ethernet / SATA LVCMOS Clock Generator
Pinout Table
Pin No.
Pin Name
I/O Type
Description
1
VDDA
Power
Analog Power Supply
2
OE
Input
Pull-up
High: Output enabled; Low: Output high impedence
3, 4
XTAL_OUT,
XTAL_IN
Crystal
Crystal Input and Output
5
FS
Input
Pull-down
Output Frequency Select
6
GND
Power
Ground
7
CLK
Output
Output Clock
8
VDD
Power
Power Supply
Output Frequency Table
FS
Crystal Frequency (MHz)
Output Frequency (MHz)
0
20.141601
161.132812
1
80.566406
0
19.53125
156.25
1
78.125
0
19.44
155.52
1
77.76
0
18.75
150
1
75
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
17.5
21.25
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recomended Crystal Specification
Pericom recommends:
a) FLxxxx, SMD 3.2x2.5(4P), xxxMHz, CL=18pF, +/-20ppm
http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) b) FYxxxxx, SMD 5x3.2(4P), xxxMHz, CL=18pF, +/-30ppm
http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
15-0106



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com