Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48H04LIEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48H04LIEX
Description  PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48H04LIEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48H04LIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.pericom.com
PI6LC48H04
Rev.A
04/07/2015
All trademarks are property of their respective owners.
PI6LC48H04
PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
Pin Description
Pin # Pin Name
I/O Type
Description
1
VDDX
Power
Crystal supply pin.
2
OE0&1
Input
Pull-up
Output enable pin for Q0+/- and Q1+/-. When HIGH, output is enabled
and active. When LOW, output is disabled and in high impedance state.
Don’t care if OE is LOW. Internal 343kΩpull-up resistor.
3
S0
Input
Pull-up
Frequency select pin. Internal 343kΩ pull-up resistor.
4
S1
Input
Pull-up
Frequency select pin. Internal 343kΩ pull-up resistor.
5
XTAL_IN/CLK Input
Crystal or clock input. Connect to a 25MHz crystal or single ended
clock.
6
XTAL_OUT
Output
Crystal output. Leave unconnected for clock input.
7
PD#
Input
Pull-up
Power down pin. When HIGH, the device is in normal operation. When
LOW, the device is in power down mode and all outputs are in high
impedance state. Internal 343kΩ pull-up resistor.
8
OE
Input
Pull-up
Output enable pin for all outputs. When HIGH, Q2+/- and Q3+/- are en-
abled and active and Q0+/- and Q1+/- depends on OE0&1. When LOW,
all outputs are disabled and in high impedance state and not dependent
on OE0&1. Internal 343kΩ pull-up resistor.
9
GNDX
Power
Crystal ground.
10
VSWING_
CTRL
Input
Pull-up and
pull down
VOH selection pin for all outputs. Tri-level selction for different voltage
swings.
11,12 Q3-, Q3+
Output
Low power HCSL clock output 3.
13,14 Q2-, Q2+
Output
Low power HCSL clock output 2.
15
VDDOA
Power
Analog and output supply pin.
16
GNDOA
Power
Analog and output ground.
17,18
Q1-, Q1+
Output
Low power HCSL clock output 1.
19,20 Q0-, Q0+
Output
Low power HCSL clock output 0.
Table 1: Output Select Table (25MHz Xtal Input)
S1
S0
CLK(MHz)
0
0
156.25
0
1
100
1
0
125
1
1
200 (Default)
Table 2: Output Enable Table
OE
OE0&1
Q0+/-
Q1+/-
Q2+/-
Q3+/-
0
0
HiZ
HiZ
HiZ
HiZ
0
1
HiZ
HiZ
HiZ
HiZ
1
0
HiZ
HiZ
Active
Active
1 (Default)
1 (Default)
Active
Active
Active
Active
Table 1a: Output Select Table (Generating other frequencies)
Xtal Input Freq.
S1
S0
CLK(MHz)
21.33MHz
0
0
133.3MHz
26.66MHz
1
0
133.3MHz
Note: Above frequencies are only for the provided settings. Do
not deviate from provided S1, S0 settings. For any other output
frequencies, please contact Pericom
15-0047



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com