Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48L0201LE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6LC48L0201LE
Description  2-Output LVDS Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48L0201LE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6LC48L0201LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48L0201LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.pericom.com
PI6LC48L0201
Rev. A
07/23/2013
PI6LC48L0201
2-Output LVDS Networking Clock Generator
LVDS DC Characterisitcs, (TA = -40ºC to 85ºC)
Symbol Parameter
Condition
Min
Typ
Max
Units
VOD
Differential Output Voltage
V
DD = 3.3V
247
454
mV
V
DD = 2.5V
247
454
DVOD
Change of VOD
V
DD = 3.5V
50
mV
V
DD = 2.5V
50
VOS
Output Offset Voltage
V
DD = 3.3V
1.125
1.375
V
V
DD = 2.5V
1.125
1.375
DVOS
Change of VOS
V
DD = 3.5V
50
mV
V
DD = 2.5V
50
AC Electrical Characteristics, (TA = -40ºC to 85ºC)
Symbol Parameter
Condition
Min.
Typ.
Max
Units
fOUT
Output Frequency
N_SEL[1:0] = 00
140
170
MHz
N_SEL[1:0] = 01
112
136
MHz
N_SEL[1:0] = 10
56
68
MHz
tsk(o)
Output Skew(1,3)
Outputs @ same loading
50
ps
tjit(Ø)
RMS Phase Jitter,
(Random)(2)
156.25MHz,
(1.875MHz - 20MHz)
0.2
ps
156.25MHz,
(12kHz - 20MHz)
0.32
ps
125MHz,
(1.875MHz - 20MHz)
0.2
ps
125MHz,
(12kHz - 20MHz)
0.31
ps
62.5MHz,
(1.875MHz - 20MHz)
0.4
ps
62.5MHz,
(12kHz - 20MHz)
0.5
ps
tR / tF
Output Rise/Fall Time
20% to 80%
400
ps
odc
Output Duty Cycle
48
52
%
Note:
1. Defined as skew within a bank of outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
2. Please refer to the Phase Noise Plots.
3. This parameter is defined in accordance with JEDEC Standard 65.
13-0115



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com