Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48P03 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48P03
Description  3-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P03 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48P03 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P03 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.pericom.com
PI6LC48P03
Rev. C
5/7/2015
PI6LC48P03
3-Output LVPECL Networking Clock Generator
Output Frequency Selection Table
Xtal Frequency
(MHz)
NA_SEL1 / NB_
SEL1
NA_SEL0 / NB_
SEL0
FBN
Output Frequency (MHz)
31.25
0
0
0
625
31.25
0
1
0
312.5 (Bank A Default)
31.25
1
0
0
156.25 (Bank B Default)
31.25
1
1
0
125
26.041666
0
0
1
625
26.041666
0
1
1
312.5 (Bank A Default)
26.041666
1
0
1
156.25 (Bank B Default)
26.041666
1
1
1
125
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
FBN = 0
28
31.25
35
MHz
FBN = 1
23.33
26.04166
29.167
MHz
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recomended Crystal Specification
Pericom recommends:
a) FY3120001, SMD 5x3.2(4P), 31.25MHz, CL=18pF, +/-20ppm
http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
b) FL2600155, SMD 3.2x2.5(4P), 26.041666MHz, CL18pF, +/-20ppm
https://www.pericom.com/assets/Datasheets/FL.pdf
15-0059



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com