Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48P21LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48P21LE
Description  Single Output LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P21LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48P21LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P21LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.pericom.com
PI6LC48P21
Rev. A
06/19/13
PI6LC48P21
Single Output LVPECL Clock Generator
Maximum Ratings (Over operating free-air temperature range)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage Temperature.............................................. -65ºC to+155ºC
Ambient Temperature with Power Applied.........-40ºC to+85ºC
3.3V Analog Supply Voltage......................................-0.5 to +3.6V
ESD Protection (HBM) ......................................................... 2000V
DC Electrical Characteristics
Power Supply DC Characterisitcs, (VDD = VDDA , TA = -40 to 85ºC)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD, VDDA
Core, Analog Supply Voltage
3.0
3.3
3.6
V
VDD, VDDA
Core, Analog Supply Voltage
2.375
2.5
2.625
V
GND
Power Supply Current
85
mA
IDDA
Analog Supply Current
25
mA
LVPECL DC Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage(1)
V
DD = 3.3V
1.9
2.4
V
V
DD = 2.5V
1.1
1.6
VOL
Output Low Voltage(1)
V
DD = 3.3V
1.2
1.6
V
V
DD = 2.5V
0.4
0.8
Note: 1. LVPECL Termination: Source 150ohm to GND and 100ohm across CLK and CLK#.
LVPECL AC Electrical Characteristics
LVPECL Termination: Source 150ohm to GND and using 0.01uF ac-coupled to 50ohm to GND
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
fOUT
Output Frequency
112
125
140
MHz
tjit(Ø)
RMS Phase Jitter,
(Random)(1)
125MHz,
(1.875MHz - 20MHz)
0.15
ps
125MHz,
(12kHz - 20MHz)
0.3
ps
tR / tF
Output Rise/Fall Time
20% to 80%
400
ps
o
DC
Output Duty Cycle
48
52
%
Note:
1. Please refer to the Phase Noise Plots.
13-0096



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com