Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6LC48P0405LIEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0405LIEX
Description  4-Output LVPECL Networking Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0405LIEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48P0405LIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0405LIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.pericom.com
PI6LC48P0405
Rev.A
09/01/15
PI6LC48P0405
4-Output LVPECL Networking Clock Generator
Typical Crystal Requirement
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series
Resistance (ESR)
50
Ω
Shunt Capacitance
7
pF
Recommended Crystal Specification
Pericom recommends:
a) FL2500047, SMD 3.2x2.5(4P), 25MHz, CL=18pF, +/-20ppm, http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) FY2500091, SMD 5x3.2(4P), 25MHz, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
15-0118



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com