Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC0844 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0844
Description  8-Bit uP Compatible A/D Converters with Multiplexer Options
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0844 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0844 Datasheet HTML 1Page - National Semiconductor (TI) ADC0844 Datasheet HTML 2Page - National Semiconductor (TI) ADC0844 Datasheet HTML 3Page - National Semiconductor (TI) ADC0844 Datasheet HTML 4Page - National Semiconductor (TI) ADC0844 Datasheet HTML 5Page - National Semiconductor (TI) ADC0844 Datasheet HTML 6Page - National Semiconductor (TI) ADC0844 Datasheet HTML 7Page - National Semiconductor (TI) ADC0844 Datasheet HTML 8Page - National Semiconductor (TI) ADC0844 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADC0844/ADC0848
8-Bit µP Compatible A/D Converters with Multiplexer
Options
General Description
The ADC0844 and ADC0848 are CMOS 8-bit successive ap-
proximation A/D converters with versatile analog input multi-
plexers. The 4-channel or 8-channel multiplexers can be
software
configured
for
single-ended,
differential
or
pseudo-differential modes of operation.
The differential mode provides low frequency input common
mode rejection and allows offsetting the analog range of the
converter. In addition, the A/D’s reference can be adjusted
enabling the conversion of reduced analog ranges with 8-bit
resolution.
The A/Ds are designed to operate from the control bus of a
wide variety of microprocessors. TRI-STATE® output latches
that directly drive the data bus permit the A/Ds to be config-
ured as memory locations or I/O devices to the microproces-
sor with no interface logic necessary.
Features
n Easy interface to all microprocessors
n Operates ratiometrically or with 5 VDC
voltage reference
n No zero or full-scale adjust required
n 4-channel or 8-channel multiplexer with address logic
n Internal clock
n 0V to 5V input range with single 5V power supply
n 0.3" standard width 20-pin or 24-pin DIP
n 28 Pin Molded Chip Carrier Package
Key Specifications
n Resolution
8 Bits
n Total Unadjusted Error
±1⁄2 LSB and ± 1 LSB
n Single Supply
5 V
DC
n Low Power
15 mW
n Conversion Time
40 µs
Block and Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corp.
DS005016-1
*ADC0848 shown in DIP Package CH5-CH8 not included on the ADC0844
June 1999
© 1999 National Semiconductor Corporation
DS005016
www.national.com


Similar Part No. - ADC0844

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 25P
ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844CCN TI1-ADC0844CCN Datasheet
2Mb / 25P
ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844CCN TI1-ADC0844CCN Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844CCN/NOPB TI1-ADC0844CCN/NOPB Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results

Similar Description - ADC0844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com