Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0091SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0091SMB
Description  GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0091SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0091SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0091SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0091SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0091SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0091SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SP6T 2.5 V High Power Switch
Dual / Tri / Quad-Band GSM Applications
V6
MASWSS009
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: TA = 25°C, Vc = 0V/2.5V, Z0 = 50 Ohms
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Tx Insertion Loss3
0.5 - 1 GHz
1 - 2 GHz
dB
dB
0.5
0.65
0.7
0.9
Rx Insertion Loss3
0.5 - 1 GHz
1 - 2 GHz
dB
dB
1.0
1.3
1.2
1.6
Tx to Rx Isolation
0.5 - 1 GHz
1 - 2 GHz
dB
dB
40
45
38
Tx to Tx Isolation
0.5 - 1 GHz
1 - 2 GHz
dB
dB
22
26
17
Return Loss
0.5 - 2.5 GHz
dB
20
Tx P0.1dB
1 GHz
dBm
41
Rx P1dB
1 GHz
dBm
25
2nd Harmonic
1 GHz, PIN = +35 dBm, 100% Duty Cycle
dBc
-78
-67
3rd Harmonic
1 GHz, PIN = +35 dBm, 100% Duty Cycle
dBc
-72
-67
Trise, Tfall
10% to 90% RF, 90% to 10% RF
μS
0.2
Ton, Toff
50% control to 90% RF,
and 50% control to 10% RF
μS
0.2
Transients
In Band
mV
70
Control Current
µA
20
80
3. External DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 0.5 GHz - 2.0 GHz.
Qualification
Qualified
to
MACOM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Functional Schematic
Tx1
Tx2
VTx1
VTx2
ANT
VRxC
VRx1
Rx1
VRx2
Rx2
Rx3
Rx4
VRx3
VRx4
100pF
100pF
100pF
100pF
100pF
100pF
100pF
GND
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com