Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0148SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0148SMB
Description  GaAs SPST High Isolation Terminated Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0148SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0148SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0148SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SPST High Isolation Terminated Switch
0.3 - 4.0 GHz
Rev. V1
MASWSS0148
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VDD = 5 V, VCTRL = 0 / 5 V, 100 pF capacitors, Z0 = 50  6
6. For positive voltage control, external DC blocking capacitors are required on all RF ports.
7. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 300 MHz - 1 GHz, 39 pF for 0.5 GHz - 4 GHz.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss7
0.3 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
dB
dB
dB
dB
1.5
1.6
1.7
1.75
1.7
Isolation
1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
dB
dB
dB
dB
50
55
55
48
40
Return Loss
Insertion Loss State, 0.3 - 4.0 GHz
dB
17
Input Return Loss
Isolation State
dB
20
Input 1 dB Compression
dBm
27
Trise, Tfall
10% to 90% RF
90% to 10% RF
µS
µS
3
0.3
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
µS
µS
3.5
0.4
Transients
In-Band
mV
20
Input IP2
2-Tone, 5 MHz spacing, +10 dBm / tone
dBm
72
Input IP3
2-Tone, 5 MHz spacing, +10 dBm / tone
dBm
49
Current (ICTRL)
Input Power = 10 dBm
µA
1
6
Current (IDD)
Input Power = 10 dBm
µA
1
6
Truth Table 8,9
8. Differential voltage, V(state 1) - V(state 0), must be
+2.5 V minimum and must not exceed 8.5 V.
9. 0 = 0 V ± 0.2 V, 1 = VDD = 2.5 V to 8.5 V
VCTRL
RFin
RFout
0
50 Ω Termination
Open
1
RFout
RFin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com