Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0176 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0176
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0176 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0176_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0176_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0176_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0176_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
0.05 - 3 GHz
Rev. V1
MASWSS0176
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Vc = 0 V / +2.5 V, Z0 = 50 Ohms
4,5
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
0.05 - 1.0 GHz
1.0 - 3.0 GHz
dB
dB
0.3
0.35
0.4
0.55
Isolation
0.05 - 1.0 GHz
1.0 - 3.0 GHz
dB
dB
20
24
21
Return Loss
0.05 - 3.0 GHz
dB
20
IP2
Two Tone +5 dBm, 5 MHz Spacing
dBm
62
IP3
Two Tone +5 dBm, 5 MHz Spacing
dBm
45
P1dB
dBm
21
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
35
Ton, Toff
50% Vc to 10% RF, 50% Vc to 90% RF
nS
40
Transients
In-Band
mV
10
Control Current
Vc = 2.5 V
µA
5
20
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Lead-Free SOT-26
† Reference Application Note M538 for lead-free solder reflow
recommendations.
Control
V1
Control
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
Truth Table 6
6. 0 = 0 V to 0.2 V, 1 = +2.5 V to 5 V
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com