Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0184 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0184
Description  High Power GaAs DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0184 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0184_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
High Power GaAs DPDT Diversity Switch
DC - 4.0 GHz
Rev. V1
MASWSS0184
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Insertion Loss, 39 pF Capacitors
Typical Performance Curves
Insertion Loss, 4 pF Capacitors
Isolation, 39 pF Capacitors
Isolation, 4 pF Capacitors
S11, S22 vs. Temperature, 39 pF Capacitors
S11, S22 vs. Temperature, 4 pF Capacitors
-21
-18
-15
-12
-9
-6
-3
0
0
1
2
3
4
5
6
Frequency (GHz)
-21
-18
-15
-12
-9
-6
-3
0
0
1
2
3
4
5
6
Frequency (GHz)
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
Frequency (GHz)
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
Frequency (GHz)
20
25
30
35
40
45
50
0
1
2
3
4
5
6
Iso @ Tx when IL from Ant 1 to Rx
Iso @ Rx when IL from Ant 2 to Tx
Iso @ Tx when IL from Ant 2 to Rx
Iso @ Rx when IL from Ant 1 to Tx
Frequency (GHz)
20
25
30
35
40
45
50
0
1
2
3
4
5
6
Iso @ Tx when IL from Ant 1 to Rx
Iso @ Rx when IL from Ant 2 to Tx
Iso @ Tx when IL from Ant 2 to Rx
Iso @ Rx when IL from Ant 1 to Tx
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com