Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0201 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Ideal for CATV, DTV, DVR, STB Applications
 Default-On in Unpowered State (RFC-RF1 Path)
 Broadband Performance: DC-2.5 GHz
 Low Insertion Loss: 1.1 dB at 1 GHz
 High Isolation: > 60dB @ 100MHz
 Single Control Operation
 Power Handling: > 20 dBm P1dB
 Lead-Free 3 mm 12-lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
 Configurable for Non-terminated Operation
Description
M/A-COM’s MASWSS0201 is a broadband GaAs
PHEMT MMIC SPDT terminated switch in a low
cost, lead-free 3 mm 12-lead PQFN package. The
MASWSS0201 is ideally suited for applications
where an unpowered on state is critical in a single
control
line
SPDT
terminated switch.
The
unpowered condition is the same as the VC = 0
condition. This part can also be configured as a
reflective switch with minimal impact to the RF
performance.
The MASWSS0201 delivers high isolation, low
insertion loss and high linearity up to 2.5 GHz.
The MASWSS0201 is fabricated using a 0.5 micron
gate length GaAs E/D PHEMT process.
The
process features full passivation for performance
and reliability.
Ordering Information 1
Part Number
Package
MASWSS0201TR-3000
3000 piece reel
MASWSS0201SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Pin No.
Pin Name
Description
1
N/C
No Connection
2
RF1
RF Port 1
3
Term 1 GND3
Termination 1 Ground
4
GND
Ground
5
N/C
No Connection
6
GND
Ground
7
Term 2 GND3
Termination 2 Ground
8
RF2
RF Port 2
9
VC
Control
10
GND
Ground
11
RFC
RF Input
12
GND
Ground
13
Paddle 4
RF and DC Ground
Pin Configuration 2
2. M/A-COM recommends that all unused (N/C) pins be
connected to ground. All data on this datasheet was taken
with N/C pins connected to ground.
3. Terminated grounds require DC blocking capacitors; see
application schematic.
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
RF2
RFC
GND
GND
GND
V
C
Term 1
GND
RF1
N/C
GND
N/C
Term 2
GND


Similar Part No. - MASWSS0201_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0201SMB MACOM-MASWSS0201SMB Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201SMB MA-COM-MASWSS0201SMB Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0201TR-3000 MACOM-MASWSS0201TR-3000 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201TR-3000 MA-COM-MASWSS0201TR-3000 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
More results

Similar Description - MASWSS0201_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0201 MACOM-MASWSS0201 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
MASW-007935 MA-COM-MASW-007935_15 Datasheet
651Kb / 5P
GaAs SPDT Terminated Switch
MASWSS0180 MA-COM-MASWSS0180_15 Datasheet
578Kb / 4P
GaAs SPDT Terminated Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com