Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDH3812-1R0-R Datasheet(PDF) 16 Page - Skyworks Solutions Inc.

Part # SDH3812-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SDH3812-1R0-R Datasheet(HTML) 16 Page - Skyworks Solutions Inc.

Back Button SDH3812-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 11Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 12Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 13Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 14Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 15Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 16Page - Skyworks Solutions Inc. SDH3812-1R0-R Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
16
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
3. The leadless package family, which includes QFN, TQFN, DFN, TDFN, and STDFN, has exposed copper (unplated) at the end of the lead terminals due to the manufacturing
process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required to ensure a proper bottom solder connection.
Ordering Information
Package
Marking1
Part Number(Tape and Reel)2
TDFN33-14
B1XYY
AAT1274IWO-T1
Skyworks Green™ products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of Green™, document number
SQ04-0074.
Package Information
TDFN33-14
Top View
Bottom View
3.000 ±
± 0.050
Index Area
Detail "A"
1.650 ±
± 0.050
0.000
+ 0.100
- 0.000
Detail "A"
Side View
0.425 ±
± 0.050
Pin 1 Indicator
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com