Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL1220S-R20-F Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # RL1220S-R20-F
Description  Li-Ion/Polymer Linear Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RL1220S-R20-F Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  RL1220S-R20-F Datasheet HTML 1Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 2Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 3Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 4Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 5Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 6Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 7Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 8Page - Skyworks Solutions Inc. RL1220S-R20-F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
Typical Characteristics
Battery Recharge Threshold Voltage
vs.Temperature
(RSENSE = 0.15Ω)
Temperature (°C)
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
-50
-25
0
25
50
75
100
Regulated Output Voltage vs. Charge Current
(RSENSE = 0.15Ω
))
Charging Current (mA)
4.15
4.17
4.19
4.21
4.23
4.25
0
100
200
300
400
500
600
700
Regulated Output Voltage vs. Input Voltage
(RSENSE = 0.15Ω)
Input Voltage (V)
4.00
4.10
4.20
4.30
4.40
4.0
4.5
5.0
5.5
6.0
6.5
Regulated Output Voltage vs. Temperature
(RSENSE = 0.15Ω)
Temperature (°C)
4.100
4.125
4.150
4.175
4.200
4.225
4.250
-50
-25
0
25
50
75
100
Trickle Charge Threshold Voltage
vs.Temperature
(RSENSE = 0.15Ω)
Temperature (°C)
2.8
2.9
3.0
3.1
3.2
3.3
3.4
-50
-25
0
25
50
75
100
Trickle Charge Current vs. Temperature
(RSENSE = 0.15Ω)
Temperature (°C)
130
135
140
145
150
155
160
165
170
-50
-25
0
25
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com