Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT7C43390WE Datasheet(PDF) 32 Page - Pericom Semiconductor Corporation

Part # PT7C43390WE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390WE Datasheet(HTML) 32 Page - Pericom Semiconductor Corporation

Back Button PT7C43390WE Datasheet HTML 28Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 29Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 30Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 31Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 32Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 33Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 34Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 35Page - Pericom Semiconductor Corporation PT7C43390WE Datasheet HTML 36Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
32
PT7C43390/43390C
Real-time Clock Module
 Free register access
*1. Set NO_ACK = 1 when reading.
Free Register Access
12. Reset After Communication Interruption
In case of communication interruption in the PT7C43390, for example, during communication the power supply voltage drops so
that only the master device is reset; the PT7C43390 does not operate the next procedure because the internal circuit keeps the state
prior to communication interruption. The PT7C43390 does not have a reset pin so that users usually reset its internal circuit by
inputting a stop condition. If the SDA is outputting "L" (during output of acknowledgment signal or reading), the PT7C43390
does not accept a stop condition from the master device. In this case, users are necessary to finish acknowledgment output or
reading of the SDA. Below Figure shows how to reset. First, input a start condition from the master device (the PT7C43390
cannot detect a start condition because the SDA in the PT7C43390 is outputting "L"). Next, input a clock pulse equivalent to 7-
byte data access (63-clock) from the SCL. During this, release the SDA line for the master device. By this procedure, SDA I/O
before communication interruption is finished, so that the SDA line in the PT7C43390 is released. After that, inputting a stop
condition resets the internal circuit so that restore the regular communication. This reset procedure is recommended to perform at
initialization of the system after rising the master device’s power supply voltage.
Figure How to Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com