Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1E-30SCF Datasheet(PDF) 2 Page - Hirose Electric

Part # DF1E-30SCF
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-30SCF Datasheet(HTML) 2 Page - Hirose Electric

  DF1E-30SCF Datasheet HTML 1Page - Hirose Electric DF1E-30SCF Datasheet HTML 2Page - Hirose Electric DF1E-30SCF Datasheet HTML 3Page - Hirose Electric DF1E-30SCF Datasheet HTML 4Page - Hirose Electric DF1E-30SCF Datasheet HTML 5Page - Hirose Electric DF1E-30SCF Datasheet HTML 6Page - Hirose Electric DF1E-30SCF Datasheet HTML 7Page - Hirose Electric DF1E-30SCF Datasheet HTML 8Page - Hirose Electric DF1E-30SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
B117
Rating
sProducts Specifications
Current rating Note 1.
AWG#20 to 24 :
3A
26 :
2A
28 :
1A
30 :
0.5A
Voltage rating 250VAC
Operating Temperature Range : -35 to +85ç Note 2.
Operating Moisture Range : -20 to 80%
Storage Temperature Range : -10 to +60ç Note 3.
Storage Moisture Range
: -40 to 70%
Item
Specification
Condition
1. Contact Resistance
30m ohms max.
Measured at 20mV max. and 1mA
2. Insulation Resistance
1000M ohms min.
500V DC
3. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
4. Single Insertor/Extraction Forth
MIN 0.4N, MAX 4.4N
Measured at the square steel pin with 0.635±0.002
5. Durability (Mating/un-mating)
30m ohms max
30 cycles
6. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
7. Shock
No electrical discontinuity of 1µs or more
Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis
8. Humidity (Steady state)
30m ohms max
96 hours at temperature of 40ç and humidity of 90% to 95%
9. Temperature Cycle
30m ohms max.
(-55ç: 30 minutes-> 5 to 35ç: 5 minutes-> 85ç: 30 minutes-> 5 to 35ç: 5 minutes) 5 cicles
10. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note : The whisker method is implemented for HRS tin plating.
sMaterial
Product
Part
Material
Treatment
Remarks
Socket
Insulator
Polyamide
White
UL94V-0
Header
Insulator
Polyamide
Beige
UL94V-0
Contact
Brass
Tin-lead plated
–––––––
In-line Plug
Insulator
Polyamide
White
UL94V-0
retainer
Insulator
Polyamide
Black
UL94V-0
Crimping contact
Contact
Phosphor copper
Tin plated
–––––––
Rating
sC-UL File No.
UL
:E52653
Current rating
Voltage rating
AWG#20 to #22 : 3A
AWG#24 to #28 : 1A
AWG#30
: 0.5A
30V AC
C-UL Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com