Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF7-2DP-3.96DS Datasheet(PDF) 14 Page - Hirose Electric

Part # DF7-2DP-3.96DS
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-2DP-3.96DS Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF7-2DP-3.96DS Datasheet HTML 8Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 9Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 10Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 11Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 12Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 13Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 14Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 15Page - Hirose Electric DF7-2DP-3.96DS Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
s Crimp Contact
q Applicable cable (Tin plated annealed copper wire)
s Tools
16
18
2.55
2.35
t=0.25
2
11
CL680-0204-8
CL680-0205-0
CL680-0206-3
CL680-0207-6
DF7E-1618SCF
DF7E-1618SC
DF7E-2022SCF
DF7E-2022SC
3,000
100
3,000
100
Tin plating
CL No.
Reel
Bag
Reel
Bag
Part Number
Packaging
Quantity
Finish
AWG#16 (26/0.254mm)
AWG#18 (34/0.18mm)
AWG#20 (21/0.18mm)
AWG#22 (17/0.16mm)
UL1007
Wire size (Stranded wire conductor)
2.1mm to 2.5mm
1.6mm to 1.9mm
UL style
Jacket diameter
Manual
Automatic
CL901-0005-4
CL901-4598-0
CL901-4599-2
CL550-0291-2
CL550-0292-5
CM-105
AP105-DF7E-1618
AP105-DF7E-2022
HT104/DF7E-1618
HT104/DF7E-2022
Type
Press unit
Crimp tools
Applicator
----------------
DF7E-1618SCF
DF7E-2022SCF
DF7E-1618SC
DF7E-2022SC
CL No.
Part Number
Applicable contacts
Note1: When using other than the recommended wire, contact your nearest Hirose representative.
Note2: Strip length: 2.7 to 3.5mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com