Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LP256-JLLE Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-JLLE
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-JLLE Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25LP256-JLLE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-JLLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev.00A
1/16/2014
PIN CONFIGURATION
Notes:
1. According to the P7 bit setting in Read Register, either HOLD# (P7=0) or RESET# (P7=1) pin can be selected.
2.
For the dedicated parts that don’t have the additional RESET# pin on pin3, either HOLD# or RESET# pin can be
selected on pin1 by the P7 bit setting in Read Register when QE=0. For the dedicated parts with additional
RESET# pin on pin3, only HOLD# pin is selected for pin1 regardless of the P7 bit of Read Register when QE=0.
3. The dedicated parts have additional RESET# pin (pin3) on 16-pin SOIC 300mil package. For the parts, Function
Register Bit0 (RESET# Enable/Disable) will be set to “0”. The RESET# pin is independent of the P7 bit of Read
Register and QE bit of Status Register. The RESET# pin has an internal pull-up resistor and may be left floating if
not used. Call Factory for the RESET# pin option.
12
10
11
9
13
15
14
5
7
6
8
4
2
3
16
1
Vcc
HOLD# (IO3)
HOLD# or RESET# (IO3)
SCK
CE#
WP# (IO2)
GND
NC
NC
NC
NC
NC
SI (IO0)
SO (IO1)
NC
NC
RESET#/NC
16-pin SOIC 300mil
(1)
(1)
(3)
(2)
ADVANCED INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com