Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM3210F Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # SM3210F
Description  Auto refresh and self refresh
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

SM3210F Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button SM3210F Datasheet HTML 17Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 18Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 19Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 20Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 21Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 22Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 23Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 24Page - Integrated Silicon Solution, Inc SM3210F Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
IS42SM/RM/VM32100D
Advanced Information
www.issi.com - dram@issi.com
Rev. 00A | Nov. 2014
Table7B: 2.5V Absolute Maximum Rating
Parameter
Symbol
Rating
Unit
Ambient Temperature (Industrial)
TA
-40 ~ 85
C
Ambient Temperature (Commercial)
0 ~ 70
Storage Temperature
TSTG
-55 ~ 150
C
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 3.6
V
Voltage on VDD relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1
W
Note :
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table8B: 2.5V Capacitance (TA=25 C, f=1MHz, VDD=2.5V)
Parameter
Pin
Symbol
Min
Max
Unit
Input Capacitance
CLK
CI1
2
4
pF
A0~A10, BA, CKE, /CS, /RAS, /CAS,
/WE, DQM0~DQM3
CI2
2
4
pF
Data Input/Output Capacitance
DQ0~DQ31
CIO
3
5
pF
Table9B: 2.5V DC Operating Condition (Voltage referenced to VSS=0V, TA= -40 ~ 85 C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Voltage
VDD
2.3
2.5
3.0
V
VDDQ
2.3
2.5
3.0
V
1
Input High Voltage
VIH
0.8 x VDDQ
-
VDDQ+0.3
V
2
Input Low Voltage
VIL
-0.3
0
0.3
V
3
Output High Voltage
VOH
0.9 x VDDQ
-
-
V
IOH= -0.1mA
Output Low Voltage
VOL
-
-
0.2
V
IOL= +0.1mA
Input Leakage Current
ILI
-1
-
1
uA
4
Output Leakage Current
ILO
-1.5
1.5
uA
5
Note :
1. VDDQ must not exceed the level of VDD
2. VIH(max) = VDDQ+1.5V AC. The overshoot voltage duration is
 3ns.
3. VIL(min) = -1.0V AC. The overshoot voltage duration is
 3ns.
4. Any input 0V
 VIN  VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with tri-state outputs.
5. DOUT is disabled, 0V
 VOUT  VDDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com