Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS-151-CLP Datasheet(PDF) 3 Page - Hirose Electric

Part # MS-151-CLP
Description  Interface RF Connector with Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-151-CLP Datasheet(HTML) 3 Page - Hirose Electric

  MS-151-CLP Datasheet HTML 1Page - Hirose Electric MS-151-CLP Datasheet HTML 2Page - Hirose Electric MS-151-CLP Datasheet HTML 3Page - Hirose Electric MS-151-CLP Datasheet HTML 4Page - Hirose Electric MS-151-CLP Datasheet HTML 5Page - Hirose Electric MS-151-CLP Datasheet HTML 6Page - Hirose Electric MS-151-CLP Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
126
BTypical data
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
DC
3.0
[GHz]
0
0.2
0.4
0.6
0.8
1.0
2.0
1.0
INSERTION LOSS
V.S.W.R.
: V.S.W.R. SPEC
: INSERTION LOSS SPEC
: ISOLATION SPEC
qNORMALLY CLOSED(N.O) ~ (Not mated with the plug)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
DC
3.0
[GHz]
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
2.0
1.0
INSERTION LOSS
ISOLATION
V.S.W.R.
qOPEN(N.O) ~ (Mated with the plug)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com