Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12081CIVT Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12081CIVT
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12081CIVT Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12081CIVT Datasheet HTML 8Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 9Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 10Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 11Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 12Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 13Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 14Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 15Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information (Continued)
5.0 Layout and Grounding
Proper grounding and routing of all signals is essential to en-
sure accurate conversion. Separate analog and digital
ground planes that are connected beneath the ADC12081
are required to achieve specified performance. The analog
and digital grounds may be in the same layer, but should be
separated from each other and should never overlap each
other. Separation should be at least 1/8 inch, where pos-
sible.
The ground return for the output buffer digital supply (DGND
I/O) carries the ground current for the output drivers. This pin
should be connected to the system digital ground. The cur-
rent on this pin can exhibit high transients that could add
noise to the conversion process. To prevent this from hap-
pening, the DGND I/O pin should NOT be connected in close
proximity to any of the ADC12081’s other ground pins. See .
Capacitive coupling between the typically noisy digital
ground plane and the sensitive analog circuitry can lead to
poor performance that may seem impossible to isolate and
remedy. The solution is to keep the analog circuitry sepa-
rated from the digital circuitry and from the digital ground
plane.
Digital circuits create substantial supply and ground current
transients. The logic noise thus generated could have signifi-
cant impact upon system noise performance. The best logic
family to use in systems with A/D converters is one which
employs non-saturating transistor designs, or has low noise
characteristics, such as the 74LS, 74HC(T) and 74 AC(T)Q
families. The worst noise generators are logic families that
draw the largest supply current transients during clock or sig-
nal edges, like the 74F and the 74AC(T) families.
Since digital switching transients are composed largely of
high frequency components, total ground plane copper
weight will have little effect upon the logic-generated noise.
This is because of the skin effect. Total surface area is more
important than is total ground plane volume.
An effective way to control ground noise is by connecting the
analog and digital ground planes together beneath the ADC
with a copper trace that is very narrow compared with the
rest of the ground plane. This narrowing beneath the con-
verter provides a fairly high impedance to the high frequency
components of the digital switching currents, directing them
away from the analog pins. The relatively lower frequency
analog ground currents do not create a significant voltage
drop across the impedance of this narrow ground connec-
tion.
To maximize accuracy in high speed, high resolution sys-
tems, avoid crossing analog and digital signal traces. It is im-
portant to keep any clock lines isolated from ALL other lines.
Even the generally accepted 90 degree crossing should be
avoided as even a little coupling can cause problems at high
frequencies. This is because other lines can introduce phase
noise (jitter) into the clock line, which can lead to degradation
of SNR.
DS100150-23
FIGURE 5. Basic Connections Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com