Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5170 Datasheet(PDF) 17 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 17 Page - ams AG

Back Button AS5170 Datasheet HTML 13Page - ams AG AS5170 Datasheet HTML 14Page - ams AG AS5170 Datasheet HTML 15Page - ams AG AS5170 Datasheet HTML 16Page - ams AG AS5170 Datasheet HTML 17Page - ams AG AS5170 Datasheet HTML 18Page - ams AG AS5170 Datasheet HTML 19Page - ams AG AS5170 Datasheet HTML 20Page - ams AG AS5170 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
ams Datasheet
Page 17
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Register Description
UART Interface
The AS5170 is equipped with a UART interface, which allows
reading and writing the registers as well as permanently
programming the non-volatile memory (OTP). By default
(factory setting) the AS5170 is in the so-called Communication
Mode and the UART is connected at the output pin (OUT). In this
mode, it is possible to configure the register settings. In this
mode, the device is in open-drain mode and therefore a pull-up
resistor has to be connected on the output.
The UART interface allows reading and writing two consecutive
addresses. The standard UART sequence consists of four frames.
Each frame begins with a start bit (START), which is followed by
8 data bits (D[0:7]), one parity bit (PAR), and a stop bit (STOP),
as shown in Figure 19.
Figure 19:
UART Frame
The PAR bit is even parity calculated over the data bits (D[0:7]).
Each frame is transferred from LSB to MSB.
The four frames are shown in Figure 20.
Figure 20:
UART Frame Sequence
The first frame is the synchronization frame and consists of
D[0:7] = 0x55 followed by the parity bit (PAR=0) and the stop
bit. This frame synchronizes the baud rate between the AS5170
and the host microcontroller.
The second frame contains the read/write command (D[7] = 0
Write, D[7] = 1 Read) and the address of the register (D[6:0] =
ADDRESS).
The content of the third and fourth frames (DATA1 and DATA2)
will be written to or read from the location specified by
ADDRESS and ADDRESS+1, respectively.
Frame Number
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
1
0x55
2
R/W
ADDRESS
3
DATA1
4
DATA2
START
D[0]D[1]D[2]
D[3]
D[4]D[5]D[6]
D[7]
PAR
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com