Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUX508IPW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPW
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPW Datasheet(HTML) 12 Page - Texas Instruments

Back Button MUX508IPW Datasheet HTML 8Page - Texas Instruments MUX508IPW Datasheet HTML 9Page - Texas Instruments MUX508IPW Datasheet HTML 10Page - Texas Instruments MUX508IPW Datasheet HTML 11Page - Texas Instruments MUX508IPW Datasheet HTML 12Page - Texas Instruments MUX508IPW Datasheet HTML 13Page - Texas Instruments MUX508IPW Datasheet HTML 14Page - Texas Instruments MUX508IPW Datasheet HTML 15Page - Texas Instruments MUX508IPW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
0.01
0.1
1
10
100
10
100
1k
10k
100k
Frequency (Hz)
C014
V
DD = 15 V
V
SS = ±15 V
V
DD = 5 V
V
SS = ±5 V
±9
±6
±3
0
3
100k
1M
10M
100M
1G
Frequency (Hz)
C018
±140
±120
±100
±80
±60
±40
±20
0
10k
100k
1M
10M
100M
1G
Frequency (Hz)
C012
Non-Adjacent Channel to D (Output)
Adjacent Channel to D (Output)
±140
±120
±100
±80
±60
±40
±20
0
10k
100k
1M
10M
100M
1G
Frequency (Hz)
C013
Non-Adjacent Channels
Adjacent Channels
±9
±6
±3
0
3
6
9
±15
±10
±5
0
5
10
15
Drain voltage (V)
C011
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
0
30
60
90
120
150
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C010
t
OFF (VDD = 15 V, VSS = ±15 V)
t
ON (VDD = 15 V, VSS = ±15 V)
t
OFF (VDD = 12 V, VSS = 0 V)
t
ON (VDD = 12 V, VSS = 0 V)
12
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Drain-to-source
Figure 13. Charge Injection vs Source or Drain Voltage
Figure 14. Turn-On and Turn-Off Times vs Temperature
Figure 15. Off Isolation vs Frequency
Figure 16. Crosstalk vs Frequency
Figure 17. THD+N vs Frequency
Figure 18. On Response vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com