| Electronic Components Datasheet Search |
|
PI7C8154A Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8154A Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation |
|
13 / 114 page ![]() PI7C8154A ASYNCHRONOUS 2-PORT PCI-to-PCI BRIDGE Advance Information Page 13 of 112 DEC 2009 REVISION 1.02 Name Pin # Type Description P_IRDY# AC5 STS Primary IRDY (Active LOW). Driven by the initiator of a transaction to indicate its ability to complete current data phase on the primary side. Once asserted in a data phase, it is not de-asserted until the end of the data phase. Before tri-stated, it is driven to a de-asserted state for one cycle. P_TRDY# AB5 STS Primary TRDY (Active LOW). Driven by the target of a transaction to indicate its ability to complete current data phase on the primary side. Once asserted in a data phase, it is not de-asserted until the end of the data phase. Before tri-stated, it is driven to a de-asserted state for one cycle. P_DEVSEL# AA6 STS Primary Device Select (Active LOW). Asserted by the target indicating that the device is accepting the transaction. As a master, bridge waits for the assertion of this signal within 5 cycles of P_FRAME# assertion; otherwise, terminate with master abort. Before tri-stated, it is driven to a de-asserted state for one cycle. P_STOP# AC6 STS Primary STOP (Active LOW). Asserted by the target indicating that the target is requesting the initiator to stop the current transaction. Before tri- stated, it is driven to a de-asserted state for one cycle. P_LOCK# AB6 I Primary LOCK (Active LOW). Asserted by an initiator, one clock cycle after the first address phase of a transaction, attempting to perform an operation that may take more than one PCI transaction to complete. P_IDSEL Y1 I Primary ID Select. Used as a chip select line for Type 0 configuration access to bridge configuration space. P_PERR# AC7 STS Primary Parity Error (Active LOW). Asserted when a data parity error is detected for data received on the primary interface. Before being tri-stated, it is driven to a de-asserted state for one cycle. P_SERR# Y7 OD Primary System Error (Active LOW). Can be driven LOW by any device to indicate a system error condition. Bridge drives this pin on: Address parity error Posted write data parity error on target bus Secondary S_SERR# asserted Master abort during posted write transaction Target abort during posted write transaction Posted write transaction discarded Delayed write request discarded Delayed read request discarded Delayed transaction master timeout This signal requires an external pull-up resistor for proper operation. P_REQ# U3 TS Primary Request (Active LOW): This is asserted by BRIDGE to indicate that it wants to start a transaction on the primary bus. Bridge de-asserts this pin for at least 2 PCI clock cycles before asserting it again. P_GNT# R2 I Primary Grant (Active LOW): When asserted, PI7C8154A can access the primary bus. During idle and P_GNT# asserted, bridge will drive P_AD, P_CBE, and P_PAR to valid logic levels. P_RESET# R3 I Primary RESET (Active LOW): When P_RESET# is active, all PCI signals should be asynchronously tri-stated. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |