Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTB50-P Datasheet(PDF) 1 Page - LEM

Part # HTB50-P
Description  Current Transducers HTB 50~400-P and HTB 50~100-TP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB50-P Datasheet(HTML) 1 Page - LEM

  HTB50-P Datasheet HTML 1Page - LEM HTB50-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
r.m.s. current
measuring range
I
PN (A)
I
P (A)
50
±150
HTB 50-P, HTB 50-TP1)
100
±300
HTB 100-P, HTB 100-TP1)
200
±500
HTB 200-P
300
±600
HTB 300-P
400
±600
HTB 400-P
V
C
Supply voltage (±5 %)2)
±12 .. ±15
V
I
C
Current consumption
<±15
mA
V
d
R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn
2.5
kV
R
IS
Isolation resistance @ 500 VDC
>500
M
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ, TA = 25°C
±4
V
R
OUT
Output internal resistance
100
R
L
Load resistance
≥10
k
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
<±1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
<±1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
<±30
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 3 x I
PN
<±1
% of I
PN
V
OT
Thermal drift of V
OE
HTB 50-(T)P
<±2.0
mV/K
HTB 100-(T)P..400-P
<±1.0
mV/K
TC
εε
G
Thermal drift (% of reading)
<±0.1
%/K
t
r
Response time @ 90% of I
P
<3
µs
f
Frequency bandwidth (-3 dB)3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
-20 .. +80
°C
T
S
Ambient storage temperature
-25 .. +85
°C
m
Mass (-TP version)
<30 (<36)
g
2 pins of Ø2mm diameter are available on transducer
for PCB soldering.
I
PN = 50 .. 400 A
Features
Hall effect measuring principle
Galvanic isolation between primary
and secondary circuit
Isolationvoltage2500V
Low power consumption
Wide power supply: ±12V to ±15V
Primary bus bar option for 50A and
100A version for ease of connection
Advantages
Small size and space saving
Only one design for wide current
ratings range
High immunity to external
interference.
Applications
AC variable speed drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
LEM Components
www.lem.com
030529/7
Current Transducers HTB 50 .. 400-P
and HTB 50 .. 100-TP
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Notes :
EN 50178 approval pending
1) -TP version is equipped with a primary bus bar.
2) Operating at ±12V
≤ Vc < ±15V will reduce measuring range.
3) Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - HTB50-P

ManufacturerPart #DatasheetDescription
logo
LEM
HTB50-P LEM-HTB50-P Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB50-P LEM-HTB50-P Datasheet
687Kb / 2P
Current Transducers
HTB50-P LEM-HTB50-P Datasheet
652Kb / 2P
Current Transducers
HTB50-P LEM-HTB50-P Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB50-P,HTB50-TP1 LEM-HTB50-P,HTB50-TP1 Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results

Similar Description - HTB50-P

ManufacturerPart #DatasheetDescription
logo
LEM
CT50-T LEM-CT50-T Datasheet
55Kb / 2P
Current Transducers CT 50-T
HAS50-P LEM-HAS50-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
HTY50-P LEM-HTY50-P Datasheet
118Kb / 2P
Current Transducer HTY 50~100-P
HY50P LEM-HY50P Datasheet
118Kb / 2P
Current Transducers, HY 50-P/SP1
logo
List of Unclassifed Man...
HTB-X2I ETC1-HTB-X2I Datasheet
89Kb / 2P
HTB Panel Mount Series
logo
Cooper Bussmann, Inc.
BK-HTB-32M-R COOPER-BK-HTB-32M-R Datasheet
358Kb / 3P
HTB Panel Mount Series
logo
LEM
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB-200-P LEM-HTB-200-P Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com