Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF142MB Datasheet(PDF) 70 Page - SPANSION

Part # MB9AF142MB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142MB Datasheet(HTML) 70 Page - SPANSION

Back Button MB9AF142MB Datasheet HTML 66Page - SPANSION MB9AF142MB Datasheet HTML 67Page - SPANSION MB9AF142MB Datasheet HTML 68Page - SPANSION MB9AF142MB Datasheet HTML 69Page - SPANSION MB9AF142MB Datasheet HTML 70Page - SPANSION MB9AF142MB Datasheet HTML 71Page - SPANSION MB9AF142MB Datasheet HTML 72Page - SPANSION MB9AF142MB Datasheet HTML 73Page - SPANSION MB9AF142MB Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
67
CONFIDENTIAL
(2) Pin Characteristics
(VCC = AVCC = 1.65V to 3.6V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter Symbol Pin name
Conditions
Value
Unit Remarks
Min
Typ
Max
H level input
voltage
(hysteresis
input)
VIHS
CMOS
hysteresis
input pin,
MD0, MD1
VCC ≥ 2.7 V
VCC × 0.8
-
VCC + 0.3
V
VCC < 2.7 V
VCC × 0.7
5 V tolerant
input pin
VCC ≥ 2.7 V
VCC × 0.8
-
VSS + 5.5
V
VCC < 2.7 V
VCC × 0.7
L level input
voltage
(hysteresis
input)
VILS
CMOS
hysteresis
input pin,
MD0, MD1
VCC ≥ 2.7 V
VSS - 0.3
-
VCC × 0.2
V
VCC < 2.7 V
VCC × 0.3
5 V tolerant
input pin
VCC ≥ 2.7 V
VSS - 0.3
-
VCC × 0.2
V
VCC < 2.7 V
VCC × 0.3
H level
output voltage
VOH
4 mA type
VCC ≥ 2.7 V,
IOH = - 4 mA
VCC - 0.5
-
VCC
V
VCC < 2.7 V,
IOH = - 2 mA
VCC - 0.45
P80/P81
VCC ≥ 2.7 V,
IOH = - 12 mA
VCC - 0.4
-
VCC
V
VCC < 2.7 V,
IOH = - 6.5 mA
L level
output voltage
VOL
4mA type
VCC ≥ 2.7 V,
IOL = 4 mA
VSS
-
0.4
V
VCC < 2.7 V,
IOL = 2 mA
P80/P81
VCC ≥ 2.7 V,
IOL = 10.5 mA
VSS
-
0.4
V
VCC < 2.7 V,
IOL = 5 mA
Input leak
current
IIL
-
-
- 5
-
+ 5
μA
CEC0,
CEC1
VCC = AVCC =
AVRH = VSS =
AVSS = 0.0 V
-
-
+1.8
μA
Pull-up
resistor value
RPU
Pull-up pin
VCC ≥ 2.7 V
21
33
66
kΩ
VCC < 2.7 V
-
-
134
Input
capacitance
CIN
Other than
VCC,
VSS,
AVCC,
AVSS,
AVRH
-
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com