Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF142NB Datasheet(PDF) 42 Page - SPANSION

Part # MB9AF142NB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142NB Datasheet(HTML) 42 Page - SPANSION

Back Button MB9AF142NB Datasheet HTML 38Page - SPANSION MB9AF142NB Datasheet HTML 39Page - SPANSION MB9AF142NB Datasheet HTML 40Page - SPANSION MB9AF142NB Datasheet HTML 41Page - SPANSION MB9AF142NB Datasheet HTML 42Page - SPANSION MB9AF142NB Datasheet HTML 43Page - SPANSION MB9AF142NB Datasheet HTML 44Page - SPANSION MB9AF142NB Datasheet HTML 45Page - SPANSION MB9AF142NB Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
39
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Clock
X0
Main clock (oscillation) input
pin
48
26
L9
38
L9
30
X0A
Sub clock (oscillation) input
pin
36
14
L3
26
L3
19
X1
Main clock (oscillation) I/O
pin
49
27
L10
39
L10
31
X1A
Sub clock (oscillation) I/O pin
37
15
K3
27
K3
20
CROUT_0
Built-in high-speed CR-osc
clock output port
74
52
C10
60
C10
-
CROUT_1
92
70
B5
72
A6
57
ADC
power
AVCC
A/D converter analog power
supply pin
60
38
H11
50
H11
41
AVRH
A/D converter analog reference
voltage input pin
61
39
F11
51
F11
42
ADC
GND
AVSS
A/D converter GND pin
62
40
G11
52
G11
43
C pin
C
Power stabilization capacity
pin
33
11
L2
23
L2
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com