Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF341LB Datasheet(PDF) 67 Page - SPANSION

Part # MB9AF341LB
Description  The MB9A340NB Series are highly integrated
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF341LB Datasheet(HTML) 67 Page - SPANSION

Back Button MB9AF341LB Datasheet HTML 63Page - SPANSION MB9AF341LB Datasheet HTML 64Page - SPANSION MB9AF341LB Datasheet HTML 65Page - SPANSION MB9AF341LB Datasheet HTML 66Page - SPANSION MB9AF341LB Datasheet HTML 67Page - SPANSION MB9AF341LB Datasheet HTML 68Page - SPANSION MB9AF341LB Datasheet HTML 69Page - SPANSION MB9AF341LB Datasheet HTML 70Page - SPANSION MB9AF341LB Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 125 page
background image
D a t a S h e e t
64
MB9A340NB_DS706-00039-4v0-E, June 10, 2014
CONFIDENTIAL
3. DC Characteristics
(1) Current rating
(VCC = AVCC = 1.65V to 3.6V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
3 Max*4
Power
supply
current
ICC
VCC
PLL
Rrun mode
CPU: 40 MHz,
Peripheral: 40 MHz
15.5
21
mA
*1, *5
CPU: 40 MHz,
Peripheral: the clock stops
NOP operation
8.7
12
mA
*1, *5
High-speed
CR
Rrun mode
CPU/ Peripheral: 4 MHz*
2
1.8
2.9
mA
*1
Sub
Rrun mode
CPU/ Peripheral: 32 kHz
110
680
μA
*1, *6
Low-speed
CR
Run mode
CPU/ Peripheral: 100 kHz
125
700
μA
*1
ICCS
PLL
Sleep mode
Peripheral: 40 MHz
9
12.5
mA
*1, *5
High-speed
CR
Sleep mode
Peripheral: 4 MHz*
2
0.8
1.6
mA
*1
Sub
Sleep mode
Peripheral: 32 kHz
96
670
μA
*1, *6
Low-speed
CR
Sleep mode
Peripheral: 100 kHz
110
680
μA
*1
*1: When all ports are fixed.
*2: When setting it to 4 MHz by trimming.
*3: TA=+25°C, VCC=3.6 V
*4: TA=+85°C, VCC=3.6 V
*5: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*6: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com