Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF341NB Datasheet(PDF) 98 Page - SPANSION

Part # MB9AF341NB
Description  The MB9A340NB Series are highly integrated
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF341NB Datasheet(HTML) 98 Page - SPANSION

Back Button MB9AF341NB Datasheet HTML 94Page - SPANSION MB9AF341NB Datasheet HTML 95Page - SPANSION MB9AF341NB Datasheet HTML 96Page - SPANSION MB9AF341NB Datasheet HTML 97Page - SPANSION MB9AF341NB Datasheet HTML 98Page - SPANSION MB9AF341NB Datasheet HTML 99Page - SPANSION MB9AF341NB Datasheet HTML 100Page - SPANSION MB9AF341NB Datasheet HTML 101Page - SPANSION MB9AF341NB Datasheet HTML 102Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 125 page
background image
D a t a S h e e t
June 10, 2015, MB9A340NB_DS706-00039-4v0-E
95
CONFIDENTIAL
6. USB Characteristics
(VCC = 3.0V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit Remarks
Min
Max
Input
charac-
teristics
Input H level voltage
VIH
UDP0,
UDM0
-
2.0
VCC + 0.3
V
*
1
Input L level voltage
VIL
-
VSS - 0.3
0.8
V
*
1
Differential input
sensitivity
VDI
-
0.2
-
V
*
2
Different common mode
range
VCM
-
0.8
2.5
V
*
2
Output
charac-
teristics
Output H level voltage
VOH
External
pull-down
resistor =
15 kΩ
2.8
3.6
V
*
3
Output L level voltage
VOL
External
pull-up
resistor =
1.5 kΩ
0
0.3
V
*
3
Crossover voltage
VCRS
-
1.3
2.0
V
*
4
Rising time
tFR
Full-Speed
4
20
ns
*
5
Falling time
tFF
Full-Speed
4
20
ns
*
5
Rising/falling time
matching
tFRFM
Full-Speed
90
111.11
%
*
5
Output impedance
ZDRV
Full-Speed
28
44
Ω
*
6
Rising time
tLR
Low-Speed
75
300
ns
*
7
Falling time
tLF
Low-Speed
75
300
ns
*
7
Rising/falling time
matching
tLRFM
Low-Speed
80
125
%
*
7
*1: The switching threshold voltage of Single-End-Receiver of USB I/O buffer is set as within VIL (Max) = 0.8 V,
VIH (Min) = 2.0 V (TTL input standard).
There are some hysteresis to lower noise sensitivity.
*2: Use the differential-Receiver to receive the USB differential data signal.
The Differential-Receiver has 200 mV of differential input sensitivity when the differential data input is
within 0.8 V to 2.5 V to the local ground reference level.
Above voltage range is the common mode input voltage range.
Common mode input voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com