Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AFB42LB Datasheet(PDF) 76 Page - SPANSION

Part # MB9AFB42LB
Description  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB42LB Datasheet(HTML) 76 Page - SPANSION

Back Button MB9AFB42LB Datasheet HTML 72Page - SPANSION MB9AFB42LB Datasheet HTML 73Page - SPANSION MB9AFB42LB Datasheet HTML 74Page - SPANSION MB9AFB42LB Datasheet HTML 75Page - SPANSION MB9AFB42LB Datasheet HTML 76Page - SPANSION MB9AFB42LB Datasheet HTML 77Page - SPANSION MB9AFB42LB Datasheet HTML 78Page - SPANSION MB9AFB42LB Datasheet HTML 79Page - SPANSION MB9AFB42LB Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 129 page
background image
D a t a S h e e t
June 10, 2015, MB9AB40NB_DS706-00034-4v0-E
73
CONFIDENTIAL
4. LCD Characteristics
(VCC = 2.2V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Rem
arks
Min
Typ
Max
VV0 to VV3
Output voltage
(1/4 bias)
VVV0
VV0
When using
internal
dividing resistor
0
-
VVV4 × 5%
V
VVV1
VV1
VVV4 × 1/4
-10%
-
VVV4 × 1/4
+10%
VVV2
VV2
VVV4 × 1/2
-10%
-
VVV4 × 1/2
+10%
VVV3
VV3
VVV4 × 3/4
-10%
-
VVV4 × 3/4
+10%
VV0 to VV3
Output voltage
(1/3 bias)
VVV0
VV0
When using
internal
dividing resistor
0
-
VVV4 × 5%
V
VVV1
VV1
VVV4 × 1/3
-10%
-
VVV4 × 1/3
+10%
VVV2
VV2
VVV4 × 2/3
-10%
-
VVV4 × 2/3
+10%
VVV3
VV3
VVV4 × 2/3
-10%
-
VVV4 × 2/3
+10%
VV0 to VV3
Output voltage
(1/2 bias)
VVV0
VV0
When using
internal
dividing resistor
0
-
VVV4 × 5%
V
VVV1
VV1
VVV4 × 1/2
-10%
-
VVV4 × 1/2
+10%
VVV2
VV2
VVV4 × 1/2
-10%
-
VVV4 × 1/2
+10%
VVV3
VV3
VVV4 × 1/2
-10%
-
VVV4 × 1/2
+10%
VV4
Active current
(1/4 bias)
IR100K
VV4
When using
100 kΩ internal
dividing resistor
-
10
20
μA
IR10K
VV4
When using
10 kΩ internal
dividing resistor
-
100
160
μA
VV4
Active current
(1/3 bias)
IR100K
VV4
When using
100 kΩ internal
dividing resistor
-
12
30
μA
IR10K
VV4
When using
10 kΩ internal
dividing resistor
-
120
180
μA
VV4
Active current
(1/2 bias)
IR100K
VV4
When using
100 kΩ internal
dividing resistor
-
18
40
μA
IR10K
VV4
When using
10 kΩ internal
dividing resistor
-
180
270
μA
VV4
Static current
IOFF_VV4
VV4
When LCD
stops
-
0.5
1.5
μA
VV0
Output Voltage
in using
external resistor
VVV0E
VV0
IOL=1 mA
-
-
0.66
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com