Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AFB42MB Datasheet(PDF) 29 Page - SPANSION

Part # MB9AFB42MB
Description  The MB9AB40NB Series are highly integrated
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AFB42MB Datasheet(HTML) 29 Page - SPANSION

Back Button MB9AFB42MB Datasheet HTML 25Page - SPANSION MB9AFB42MB Datasheet HTML 26Page - SPANSION MB9AFB42MB Datasheet HTML 27Page - SPANSION MB9AFB42MB Datasheet HTML 28Page - SPANSION MB9AFB42MB Datasheet HTML 29Page - SPANSION MB9AFB42MB Datasheet HTML 30Page - SPANSION MB9AFB42MB Datasheet HTML 31Page - SPANSION MB9AFB42MB Datasheet HTML 32Page - SPANSION MB9AFB42MB Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 129 page
background image
D a t a S h e e t
26
MB9AB40NB_DS706-00034-4v0-E, June 10, 2015
CONFIDENTIAL
Pin No
Pin Name
I/O Circuit
Type
Pin State
Type
LQFP-100 QFP-100 BGA-112 LQFP-80 BGA-96
LQFP-64
QFN-64
96
74
C4
76
C4
60
P60
I*
T
SIN5_0
TIOA2_2
INT15_1
WKUP3
CEC1
-
MRDY_1
97
75
A4
77
A4
61
VCC
-
98
76
A3
78
A3
62
P80
H
H
UDM0
99
77
A2
79
A2
63
P81
H
H
UDP0
100
78
A1
80
A1
64
VSS
-
-
*: 5 V tolerant I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com