Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA25-NP/SP7 Datasheet(PDF) 1 Page - LEM

Part # LA25-NP/SP7
Description  Current Transducer LA 25-NP/SP7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA25-NP/SP7 Datasheet(HTML) 1 Page - LEM

  LA25-NP/SP7 Datasheet HTML 1Page - LEM LA25-NP/SP7 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LA 25-NP/SP7
For the electronic measurement of currents : DC, AC, pulsed,
mixed, with a galvanic isolation between the primary circuit
(high power) and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
2.5
A
I
P
Primary current, measuring range
0 .. ± 3.6
A
R
M
Measuring resistance
R
M min
R
M max
with ± 15 V
@ ± 2.5 A
max
100
320
Ω
@ ± 3.6 A
max
100
190
Ω
I
SN
Secondary nominal r.m.s. current
25
mA
K
N
Conversion ratio
10 : 1000
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
10 + I
S
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
2.5
kV
V
b
R.m.s. rated voltage 1), safe separation
600
V
basic isolation
1700
V
Accuracy - Dynamic performance data
X
Typical accuracy @ I
PN , TA = 25°C
± 0.5
%
ε
L
Linearity
< 0.2
%
Typ
Max
I
O
Offset current 2) @ I
P = 0, TA = 25°C
± 0.05 ± 0.15
mA
I
OM
Residual current 3) @ I
P = 0, after an overload of 3 x IPN
± 0.05 ± 0.15
mA
I
OT
Thermal drift of I
O
0°C .. + 25°C
± 0.06 ± 0.25
mA
+ 25°C .. + 70°C
± 0.10 ± 0.35
mA
t
r
Response time 4) @ 90 % of I
P max
< 1
µs
f
Frequency bandwidth (- 1 dB)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
0 .. + 70
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
R
P
Primary coil resistance @ T
A = 25°C
< 8.5
m
Ω
R
S
Secondary coil resistance @ T
A = 70°C
110
Ω
L
P
Primary insertion inductance
5.5
µ H
R
IS
Isolation resistance @ 500 V, T
A = 25°C
> 1500
M
Ω
m
Mass
22
g
Standards 5)
EN 50178
Notes : 1) Pollution class 2
2) Measurement carried out after 15 mn functionning
3) The result of the coercive field of the magnetic circuit
4) With a di/dt of 100 A/µs
5) A list of corresponding tests is available
Features
•Closed loop (compensated) multi-
turns current transducer using the
Hall effect
•Insulated plastic case recognized
according to UL 94-V0.
Special features
•I
PN =
2.5 A
•I
P
= 0 .. ± 3.6 A
•K
N =
10 : 1000.
Advantages
•Excellent accuracy
•Very good linearity
•Low temperature drift
•Optimized response time
•Wide frequency bandwidth
•No insertion losses
•High immunity to external
interference
•Current overload capability.
Applications
•AC variable speed drives and servo
motor drives
•Static converters for DC motor drives
•Battery supplied applications
•Uninterruptible Power Supplies
(UPS)
•Switched Mode Power Supplies
(SMPS)
•Power supplies for welding
applications.
I
PN
=
2.5 A
990125/2
LEM Components
ww w .lem.com


Similar Part No. - LA25-NP/SP7

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP/SP11 LEM-LA25-NP/SP11 Datasheet
74Kb / 2P
Current Transducer LA 25-NP/SP11
LA25-NP/SP14 LEM-LA25-NP/SP14 Datasheet
72Kb / 2P
Current Transducer LA 25-NP/SP14
More results

Similar Description - LA25-NP/SP7

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
Current Transducer LA 25-NP
LA25-NPSP11 LEM-LA25-NPSP11 Datasheet
74Kb / 2P
Current Transducer LA 25-NP/SP11
LA25-NPSP14 LEM-LA25-NPSP14 Datasheet
72Kb / 2P
Current Transducer LA 25-NP/SP14
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
Current Transducer LA 35-NP
LAH25-NP LEM-LAH25-NP Datasheet
222Kb / 2P
Current Transducer LAH 25-NP
LA25-NP14 LEM-LA25-NP14 Datasheet
80Kb / 2P
Current Transducer LA 25-NP/SP14
LAH-25-NP LEM-LAH-25-NP Datasheet
574Kb / 3P
Current Transducer LAH 25-NP
LTS-6-NP LEM-LTS-6-NP Datasheet
625Kb / 4P
Current Transducer LTS 6-NP
LTSR-6-NP LEM-LTSR-6-NP Datasheet
469Kb / 3P
Current Transducer LTSR 6-NP
HXS20-NP LEM-HXS20-NP_V01 Datasheet
543Kb / 3P
Current Transducer HXS 20-NP
18December2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com