Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F585LD Datasheet(PDF) 17 Page - SPANSION

Part # MB91F585LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F585LD Datasheet(HTML) 17 Page - SPANSION

Back Button MB91F585LD Datasheet HTML 13Page - SPANSION MB91F585LD Datasheet HTML 14Page - SPANSION MB91F585LD Datasheet HTML 15Page - SPANSION MB91F585LD Datasheet HTML 16Page - SPANSION MB91F585LD Datasheet HTML 17Page - SPANSION MB91F585LD Datasheet HTML 18Page - SPANSION MB91F585LD Datasheet HTML 19Page - SPANSION MB91F585LD Datasheet HTML 20Page - SPANSION MB91F585LD Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 177 page
background image
D at aS h ee t
14
MB91F587LA_DS705-00012-2v0-E, August 22, 2014
CONFIDENTIAL
Pin No.
Pin name
I/O circuit
type*
Function
70
P086
F
General-purpose I/O port
AN14
ADC analog 14 input pin
PPG6
PPG ch.6 output pin
71
P087
F
General-purpose I/O port
AN15
ADC analog 15 input pin
PPG7
PPG ch.7 output pin
74
P090
D
General-purpose I/O port
IN0
16-bit input capture ch.0 external pulse input pin
75
P091
D
General-purpose I/O port
IN1
16-bit input capture ch.1 external pulse input pin
76
P092
D
General-purpose I/O port
IN2
16-bit input capture ch.2 external pulse input pin
77
P093
D
General-purpose I/O port
IN3
16-bit input capture ch.3 external pulse input pin
78
P094
D
General-purpose I/O port
IN4
16-bit input capture ch.4 external pulse input pin
79
P095
D
General-purpose I/O port
TX0
CAN transmission data 0 output pin
80
P096
E
General-purpose I/O port
RX0
CAN reception data 0 input pin
INT0
INT0 external interrupt input pin
81
P097
D
General-purpose I/O port
IN5
16-bit input capture ch.5 external pulse input pin
85
P100
F
General-purpose I/O port
PPG8
PPG ch.8 output pin
AN16
ADC analog 16 input pin
86
P101
F
General-purpose I/O port
PPG9
PPG ch.9 output pin
AN17
ADC analog 17 input pin
87
P102
F
General-purpose I/O port
PPG10
PPG ch.10 output pin
AN18
ADC analog 18 input pin
88
P103
F
General-purpose I/O port
PPG11
PPG ch.11 output pin
AN19
ADC analog 19 input pin
89
P104
F
General-purpose I/O port
PPG12
PPG ch.12 output pin
AN20
ADC analog 20 input pin
90
P105
F
General-purpose I/O port
PPG13
PPG ch.13 output pin
AN21
ADC analog 21 input pin
91
P106
F
General-purpose I/O port
PPG14
PPG ch.14 output pin
AN22
ADC analog 22 input pin
92
P107
F
General-purpose I/O port
PPG15
PPG ch.15 output pin
AN23
ADC analog 23 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com