Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B072-032-IP2-K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B072-032-IP2-K
Description  NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 21 User with Sixteen USB Dongles
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B072-032-IP2-K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B072-032-IP2-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B072-032-IP2-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B072-032-IP2-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1600 x 1200
Supports up to 2 simultaneous remote sessions.
In addition to multiple remote sessions, a local user can access the KVM simultaneously to the remote users.
Java-based application allows for control of a target server via web browser from any location over a secure
IP connection.
Non-Browser client available via Support section, which can by-pass browser related Java Security prompts
upon login
Remote authentication support - RADIUS and LDAP/S
Supports both IPv4 and IPv6
Accessing the connected computers is a breeze; a wide range of video and mouse sync settings ensure
optimal remote session performance in any situation.
Virtual Media allows an.iso file located in a Shared folder of a SAMBA or NFS server that is accessible to the
KVM to be mounted to a Target Server and accessed as if it were directly stored on it. Virtual Media data
transfer rates up to 12Mbps(B078-101-USB2 required) are supported.
Supports the highest security standards for encryption(128-bit AES and HTTPS).
BIOS level control to any server’s brand and model, regardless of the server condition and network
connectivity. Covers the entire spectrum of crash scenarios.
PDU Control – Allows you to add IP PDU’s as devices that can be controlled by the KVM. Individual ports on the KVM can be assigned to a port on a
PDU, allowing you to Power Cycle or Power Off/On the computer/server connected to that port without leaving the KVM session screen.
Multi-Level account access – Administrator and User accounts can be created, with a password being required to access the KVM switch and your
assigned permissions. Administrator accounts have full access, while User accounts can be set up to access only the ports and features necessary to that
individual.
Dual Ethernet Ports – If one network port fails, the other takes over.
Dual Power Supplies – If one power supply fails, the other takes over.
Dual Serial Ports – Connect serial manageable devices, such as PDUs, firewalls, and routers.
Allows for system sent messages to SNMP server to notify of LAN or power failures.
Event log records events that take place on the installation, such as logins, reboots, network settings changes, etc..
Allows for the installation of a SSL certificate to ensure secure transactions between the Web servers and browsers.
Access and control the KVM via the graphical remote interface, or a text based local OSD.
Flash upgradeable firmware over the network.
Specifications
OVERVIEW
Users
3
INPUT
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 115V AC; 120V AC; 127V AC; 140V AC; 200V AC; 208V AC; 220V AC; 230V AC; 240V AC
Input Frequency
50/60Hz
Input Current
120V (0.7A) / 230V (0.3A)
PHYSICAL
Windows Operating Systems can
remotely access the KVM via
Internet Explorer, Firefox, or
Chrome browsers
Linux Operating Systems can
remotely access the KVM via
Firefox or Chrome browsers
Package Includes
B072-032-IP2 32-Port, 2+1 User
NetCommander Cat5 IP KVM
Switch
16 USB Dongles(
B078-101-USB-1)
Rackmount hardware
(x2) Power cords
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com