Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV-4162 Datasheet(PDF) 21 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-4162
Description  Ultra Small Real Time Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-4162 Datasheet(HTML) 21 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-4162 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-4162 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Micro Crystal
Ultra Small Real Time Clock / Calendar Module
RV-4162
21/39
4.4. ALARM FUNCTION
Addresses locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go off at a prescribed
time on a specific month, date, hour, minute, or second, or repeat every year, month, day, hour, minute, or second.
Bits ARM5 - ARM1 put the alarm in the repeat mode of operation. The table below shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly alert the user of an
incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria defined by ARM5 -
ARM1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set, the alarm condition activates the INT pin 6.
To disable the alarm, write
“0” to the Date Alarm register and to ARM5 - ARM1.
Note: If the address pointer is allowed to increment to the flag register address, an alarm condition will not cause
the interrupt / flag to occur until the address pointer is moved to a different address. It should also be noted that if
the last address written is the Second Alarm, the address pointer will increment to the flag address, causing this
situation to occur.
The INT is cleared by a READ to the Flags register as shown in figure below. A subsequent READ of the Flags
register is necessary to see that the value of the alarm flag has been reset to
“0”.
Alarm interrupt reset waveform:
Alarm Repeat Mode Settings (addresses 0Bh to 0Eh, ARM5 to ARM
1…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Bh
Date Alarm
ARM4
ARM5
20
10
8
4
2
1
0Ch
Hour Alarm
ARM3
0
20
10
8
4
2
1
0Dh
Minute Alarm
ARM2
40
20
10
8
4
2
1
0Eh
Second Alarm
ARM1
40
20
10
8
4
2
1
ARM5
ARM4
ARM3
ARM2
ARM1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com