Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI2EQX4401DZFE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2EQX4401DZFE
Description  2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer with Clock Buffer & Signal Detect Feature
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4401DZFE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2EQX4401DZFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8872H
09/26/08
PI2EQX4401D
2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer
with Clock Buffer & Signal Defect FeaTure
Block Diagram
Pin Description
VDD
AI+
AI-
GND
AVDD
VDD
B0+
B0-
GND
VDD
VDD
A0+
A0-
GND
AGND
VDD
BI+
BI-
GND
IREF
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
GND
xl+
CML
LVCMOS
SIG_x
xO+
xO-
CML
Limiting
Amp
Equalizer
SEL[0:1]
CLKIN-
CLKIN+
OUT0-
OUT0+
SEL[2]_x
SEL
Buffer
CLK
IREF
xl+
08-0241



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com