Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCL4148 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # MCL4148
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

MCL4148 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  MCL4148 Datasheet HTML 1Page - Olitech Electronics Co.Ltd MCL4148 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCL4148
SILICON EPITAXIAL PLANAR DIODE
Features
Saving space
Hermetic sealed parts
Fits onto SOD 323 / SOT 23 footprints
Electrical data identical with the device 1N4148
Micro Melf package
Applications
Extreme fast switches
Absolute Maximum Ratings (Tj = 25
OC)
Parameter
Test
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
-
VRRM
100
V
Reverse Voltage
-
VR
75
V
Peak Forward Surge Current
tp = 1μS
IFSM
2
A
Repetitive Peak Forward Current
-
IFRM
450
mA
Forward Current
-
IF
200
mA
Average Forward Current
VR = 0
IFAV
150
mA
Power Dissipation
-
Ptot
500
mW
Junction Temperature
-
Tj
175
OC
Storage Temperature Range
-
Ts
-65 … +175
OC
Maximum Thermal Resistance (Tj = 25
OC)
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
mounted on epoxy-glass hard tissue,
35μm
copper clad, 0.9 mm
2 copper area per electrode
RthJA
500
K/W
LS-31
Glass Case MicroMELF
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Characteristics at
Tj = 25
OC
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 50mA
VF
-
0.86
1
V
VR = 20V
IR
-
-
25
nA
VR = 20V, Tj = 150
OC
IR
-
-
50
μA
Reverse Current
VR = 75V
IR
-
-
5
μA
Breakdown Voltage
IR = 100uA, tp/T = 0.01,
Tp = 0.3ms
V(BR)
100
-
-
V
Diode Capacitance
VR = 0, f = 1MHZ, VHF = 50mV
CD
-
-
4
pF
Rectification Efficiency
VHF = 2V, f = 100MHZ
ηr
45
-
-
%
IF = IR = 10mA, Ir A
trr
-
-
8
ns
Reverse Recovery
Time
IF = 10mA, VR = 6V, iR = 0.1xlR,
RL = 100Ω
trr
-
-
4
ns
1


Similar Part No. - MCL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4148 VISHAY-MCL4148 Datasheet
59Kb / 5P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Formosa MS
MCL4148 FORMOSA-MCL4148 Datasheet
313Kb / 3P
High-speed switching diode
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
TEMIC Semiconductors
MCL4148 TEMIC-MCL4148 Datasheet
30Kb / 1P
DIODES, Signal(Surface Mount)
logo
Weitron Technology
MCL4148 WEITRON-MCL4148 Datasheet
331Kb / 3P
High-Speed Switching Diodes
More results

Similar Description - MCL4148

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com