Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3USB223 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3USB223
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3USB223 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
All trademarks are property of their respective owners.
Figure 1. AC Test Circuit
Figure 2. AC Waveforms
Test Circuits and Timing Diagrams
Logic Input Waveforms inverted for
Switches that have opposite logic
tON
VOUT
tr
tf
tOFF
90%
90%
< 5ns
< 5ns
50%
Switch
Output
Logic
Input
VIH
VIL
0V
OffOnOff
Note:
1. Unusedinput(NCorNO)mustbegrounded.
Figure 3. Break Before Make Interval Timing
CL
35pF
RL
50W
tBBM
VOUT
0.9 x VOUT
Logic
Input
D/L
V
bus
L
D
VIN
Logic
Input
VOUT
50%
LOGIC
INPUT
RL
50Ω
D/L
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VN
D/L
VDD
CL
VDD
VOUT
35pF
Vbus
15-0127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com