Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3USB223ZMEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB223ZMEX
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223ZMEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB223ZMEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
DC Electrical Characteristics
(VDD=2.7Vto4.4V,TA=–40°Cto+85°C,unlessotherwisenoted.TypicalvaluesareatVDD=3.0Vto3.6V,TA=25°C)
Parameter
Symbol
Test Conditions
Min. Typ. Max. Units
OperatingPower-supply
range
VDD
2.7
–
4.4
V
SupplyCurrent
ICC
VDD=3.3V ASEL=VBUS=0V
–
–
50
μA
Power-supplyRejection
Ratio
PSRR
f=10kHz,VDD=3.0±0.3V,
RD+/R=50Ω
–
60
–
dB
AnalogSignalRange
VD+/-
0
VDD
V
VR/L
-2
VDD
R/LOn-Resistance
RON(R/L)
VDD=3.0V,VR/L=-1.5V,
+1.5V,ID+/RandD-/L=10mA
2
5
Ω
D+/D-On-Resistance
RON(D+/-)
VDD=3.0V,VD+/-=-0.4Vto0.6V,
ID+/RandD-/L=10mA
3.5
6
VDD=3.0V,
VD+/RandD-/L=1.0Vto3.0V,
ID+/RandD-/L=10mA
12
R/LOn-ResistanceMatch
betweenChannels
ΔRON(R/L)
VDD=3.0V,VR/L=0V,ID+/Rand
D-/L=10mA
0.2
D+/-On-ResistanceMatch
betweenChannels
ΔRON(D+/D-)
VDD=3.0V,VD+/-=0V,
ID+/RandD-/L=10mA
0.2
R/LOn-ResistanceFlat-
ness
RFLAT(R/L)
VDD=3.0V,ID+/RandD-/L=10mA,
VR/L=-1.5Vto+1.5V
0.3
0.5
D+/D-On-Resistance
Flatness
RFLAT(D+/-)
VDD=3.0V,ID+/RandD-/L=10m
A,VD+/-=-0.4Vto0.6V
0.25
0.5
ShuntSwitchResistance
RSH
VoltageonRorL=VDD
25
kΩ
D+/-Off-LeakageCurrent ID+/-(OFF)
VDD=3.0V,VD+/-=5V,
VD+/RandD-/L=-1.5V,+2.5V
-1
1
μA
R/LOff-LeakageCurrent
IR/L(OFF)
VDD=3.0V,VR/L=0V,
VD+/RandD-/L=0V,+2.5V
-1
1
All trademarks are property of their respective owners.
(VoltagesreferencedtoGND.)
VDD,ASEL.................................................................... -0.3Vto+5.0V
VBUS.............................................................................. -0.3Vto+5.5V
V(R/D+)andV(L/D-)(1)...................................................... -2.0Vto+5.0V
V(R/D+)andV(L/D-)(2)..................................................... -0.3Vto+5.0V
VRandVL..............................................................-2.0Vto(VDD+0.3V)
VD+andVD.......................................................... -0.3Vto(VDD+0.3V)
ContinuousCurrentintoAnyTerminal.....................................±100mA
OperatingTemperatureRange.......................................-40°Cto+85°C
StorageTemperatureRange.........................................-65°Cto+150°C
Notes:
1. IfAudiopathisenabled
2. IfUSBpathisenabled
StressesgreaterthanthoselistedunderMAXIMUMRAT-
INGSmaycausepermanentdamagetothedevice.Thisisa
stressratingonlyandfunctionaloperationofthedeviceat
theseoranyotherconditionsabovethoseindicatedinthe
operationalsectionsofthisspecificationisnotimplied.Ex-
posuretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
15-0127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com