Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3000A Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT3000A
Description  Embedded FIFO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3000A Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT3000A Datasheet HTML 15Page - Richtek Technology Corporation RT3000A Datasheet HTML 16Page - Richtek Technology Corporation RT3000A Datasheet HTML 17Page - Richtek Technology Corporation RT3000A Datasheet HTML 18Page - Richtek Technology Corporation RT3000A Datasheet HTML 19Page - Richtek Technology Corporation RT3000A Datasheet HTML 20Page - Richtek Technology Corporation RT3000A Datasheet HTML 21Page - Richtek Technology Corporation RT3000A Datasheet HTML 22Page - Richtek Technology Corporation RT3000A Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
RT3000A/B/C
21
DS3000ABC-00 May 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
M-Type 16L QFN 3x3 Package
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
0.900
1.000
0.035
0.039
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
2.900
3.100
0.114
0.122
D2
1.250
1.350
0.049
0.053
E
2.900
3.100
0.114
0.122
E2
1.250
1.350
0.049
0.053
e
0.500
0.020
L
0.300
0.400
0.012
0.016
L1
0.400
0.500
0.016
0.020
K
0.050
0.150
0.002
0.006
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com