Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD40106 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40106
Description  Hex Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40106 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD40106 Datasheet HTML 1Page - National Semiconductor (TI) CD40106 Datasheet HTML 2Page - National Semiconductor (TI) CD40106 Datasheet HTML 3Page - National Semiconductor (TI) CD40106 Datasheet HTML 4Page - National Semiconductor (TI) CD40106 Datasheet HTML 5Page - National Semiconductor (TI) CD40106 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5985
February 1988
CD40106BMCD40106BC Hex Schmitt Trigger
General Description
The CD40106B Hex Schmitt Trigger is a monolithic comple-
mentary MOS (CMOS) integrated circuit constructed with N
and P-channel enhancement transistors The positive and
negative-going threshold voltages VTa and VTb show low
variation with respect to temperature (typ 00005V Cat
VDD e 10V) and hysteresis VTa b VTb t 02 VDD is
guaranteed
All inputs are protected from damage due to static dis-
charge by diode clamps to VDD and VSS
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
07 VDD (typ)
Y
Low power
Fan out of 2 driving 74L
TTL compatibility
or 1 driving 74LS
Y
Hysteresis
04 VDD (typ)
02 VDD guaranteed
Y
Equivalent to MM54C14MM74C14
Y
Equivalent to MC14584B
Connection Diagram
Dual-In-Line Package
TLF5985 – 2
Top View
Switching Time Waveforms
TLF5985 – 3
tr e tf e 20 ns
Order Number CD40106B
Schematic Diagram
TLF5985 – 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD40106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106 TI-CD40106 Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106 INTERSIL-CD40106 Datasheet
75Kb / 9P
CMOS Hex Schmitt Triggers
December 1992
logo
SYC Electronica
CD40106 SYC-CD40106 Datasheet
111Kb / 9P
CMOS Hex Schmitt Triggers
CD40106-SMD SYC-CD40106-SMD Datasheet
208Kb / 7P
Hex inverting Schmitt trigger
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
More results

Similar Description - CD40106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
Hex Schmitt trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC Datasheet
66Kb / 6P
Hex Schmitt Trigger
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
Hex Schmitt Trigger
August, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com