Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGL4168 Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # TGL4168
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL4168 Datasheet(HTML) 4 Page - Diotec Semiconductor

  TGL4168 Datasheet HTML 1Page - Diotec Semiconductor TGL4168 Datasheet HTML 2Page - Diotec Semiconductor TGL4168 Datasheet HTML 3Page - Diotec Semiconductor TGL4168 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
4
F:\Data\Wp\DatBlatt\Einzelblätter\tgl41.wpd
TGL 41-6.8 ... TGL 41-200CA
1
The order of type numbers is graded to the international E 24 standard. The standard tolerance of
the breakdown voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5% for the
breakdown voltage.
e.g.: TGL 41-51C = bidirectional diode, V
BR = 51 V (± 10%), VWM
$ 41.3 V at I
D = 5
:A
TGL 41-9.1A = unidirectional diode, V
BR = 9.1 V (± 5%), VWM
$ 7.7 V at I
D = 50
:A
Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die
Toleranz der Arbeitsspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%.
Suffix “A” kennzeichnet eine Toleranz der Arbeitsspannung von ± 5%.
z.B.: TGL 41-51C = bidirectionale Diode, V
BR = 51 V (± 10%), VWM
$ 41.3 V at I
D = 5
:A
TGL 41-9.1A = unidirectionale Diode, V
BR = 9.1 V (± 5%), VWM
$ 7.7 V at I
D = 50
:A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com