Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP31 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TIP31
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP31 Datasheet(HTML) 2 Page - Diotec Semiconductor

  TIP31 Datasheet HTML 1Page - Diotec Semiconductor TIP31 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlußdrähte in 5 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
27
General Purpose Transistors
TIP31, TIP31A ... C
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
Collector-Emitter cutoff current – Kollektorreststrom
V
CE = 30 V
TIP31
TIP31A
I
CE0
I
CE0
–
–
–
–
300 nA
300 nA
V
CE = 60 V
TIP31B
TIP31C
I
CE0
I
CE0
–
–
–
–
300 nA
300 nA
V
CE = rated VCE0
I
CES
–
–
200 nA
h-Parameters at V
CE = 10 V, IC = 0.5 A, f = 1 kHz
Small signal current gain
Kleinsignal-Stromverstärkung
h
fe
20
–
–
Gain-Bandwidth Product – Transitfrequenz
V
CE = 10 V, IC = 0.5 A, f = 1 MHz
f
T
3 MHz
–
–
Switching times – Schaltzeiten
turn-on time
I
Con = 1 A,
I
Bon = - IBoff = 100 mA
t
on
–
300 ns
–
turn-off time
t
off
–1 µs
–
Thermal resistance – Wärmewiderstand
junction to ambient air – Sperrschicht zu umgebender Luft
junction to case – Sperrschicht zu Gehäuse
R
thA
62 K/W
1)
R
thC
3 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M 4
9 ± 10% lb.in.
1 ± 10% Nm
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
TIP32, TIP32A
TIP32B, TIP32C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com