Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3CH400ZBEX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3CH400ZBEX
Description  4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH400ZBEX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3CH400ZBEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH400ZBEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH400ZBEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH400ZBEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH400ZBEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH400ZBEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH400ZBEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0016
PT0471-3
08/05/15
7
PI3CH400
4-Bit Bus Switch, Enable Low
1.8V/2.5V/3.3V, High-Bandwidth, Hot Plu
g
14-Pin QFN(ZB)
Ordering Information
Part No.
Package Cede
Package
PI3CH400LE
L
Lead free and Green 14-Pin TSSOP
PI3CH400LEX
L
Lead free and Green 14-Pin TSSOP ,
Tape & Reel
PI3CH400ZBEX
ZB
Lead free and Green 14-Pin QFN, Tape &
Reel
Note:
E = Pb-free & Green
Adding X Suffix= Tape/Reel
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.
SYMBOL
MIN
MAX
A
0.80
0.90
A1
0.00
0.05
A3
D
3.42
3.58
E
3.42
3.58
D1
1.95
2.15
E1
1.95
2.15
b
0.20
0.30
e
e1
L
0.32
0.48
DATE: 02/01/2013
Note:
1) Ref: JEDEC MO-220
DESCRIPTION: 14 Pin, QFN, 3.5X3.5
PACKAGE CODE: ZB14
DOCUMENT CONTROL #: PD-R-0071
REVISION:--
PKG.
DIMENSIONS(MM)
0.20 REF
1.50 TYP
0.50 TYP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com